Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C166-25VC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C166-25VC
Description  16K x 4 Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C166-25VC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C166-25VC Datasheet HTML 1Page - Cypress Semiconductor CY7C166-25VC Datasheet HTML 2Page - Cypress Semiconductor CY7C166-25VC Datasheet HTML 3Page - Cypress Semiconductor CY7C166-25VC Datasheet HTML 4Page - Cypress Semiconductor CY7C166-25VC Datasheet HTML 5Page - Cypress Semiconductor CY7C166-25VC Datasheet HTML 6Page - Cypress Semiconductor CY7C166-25VC Datasheet HTML 7Page - Cypress Semiconductor CY7C166-25VC Datasheet HTML 8Page - Cypress Semiconductor CY7C166-25VC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY7C164
CY7C166
Document #: 38-05025 Rev. *A
Page 2 of 9
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[1] ............................................ –0.5V to +7.0V
DC Input Voltage[1]......................................... –0.5V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Selection Guide
CY7C164-15
CY7C166-15
CY7C164-25
CY7C166-25
Maximum Access Time (ns)
15
25
Maximum Operating Current (mA)
115
105
Maximum CMOS Standby Current (mA)
20
20
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0°C to +70°C
5V
± 10%
Electrical Characteristics Over the Operating Range
–15
–25
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
2.2
VCC
V
VIL
Input LOW Voltage[1]
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–5
+5
–5
+5
µA
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
–5
+5
–5
+5
µA
ICC
VCC Operating Supply Current
VCC = Max., IOUT = 0 mA
115
105
mA
ISB1
Automatic CE
Power-Down Current[2]
Max. VCC, CE > VIH,
Min. Duty Cycle = 100%
40
20
mA
ISB2
Automatic CE
Power-Down Current[2]
Max. VCC, CE > VCC – 0.3V,
VIN > VCC – 0.3V or VIN < 0.3V
20
20
mA
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
Notes:
1. Minimum voltage is equal to –3.0V for pulse durations less than 30 ns.
2. A pull-up resistor to VCC on the CE input is required to keep the device deselected during VCC power-up, otherwise ISB will exceed values given.
3. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com