Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3C1024L Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P3C1024L
Description  ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1024L Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P3C1024L Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Document # SRAM132 REV OR
Revised April 2006
P3C1024L
ULTRA LOW POWER 128K x 8
CMOS STATIC RAM
locations are specified on address pins A
0 to A16. Read-
ing is accomplished by device selection (
CE
1 low and
CE
2 high) and output enabling (OE) while write enable
(
WE) remains HIGH. By presenting the address under
these conditions, the data in the addressed memory lo-
cation is presented on the data input/output pins. The
input/output pins stay in the HIGH Z state when either
CE
1 or OE is HIGH or WE or CE2 is LOW.
The P3C1024L is packaged in a 32-pin TSOP and 445
mil SOP.
The P3C1024L is a 1,048,576-bit low power CMOS static
RAM organized as 128Kx8. The CMOS memory re-
quires no clocks or refreshing, and has equal access
and cycle times. Inputs are fully TTL-compatible. The
RAM operates from a single 3.3V ± 0.3V tolerance power
supply.
Access times of 55 ns and 70 ns are availale. CMOS is
utilized to reduce power consumption to a low level.
The P3C1024L device provides asynchronous opera-
tion with matching access and cycle times. Memory
Common Data I/O
Three-State Outputs
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Automatic Power Down
Packages
—32-Pin 445 mil SOP
—32-Pin TSOP
V
CC Current (Commercial/Industrial)
— Operating: 10mA/12mA
— CMOS Standby: 10µA/10µA
Access Times
—55/70 (Commercial or Industrial)
Single 3.3 Volts ± 0.3V Power Supply
Easy Memory Expansion Using
CE
CE
CE
CE
CE
1, CE2 and OE
OE
OE
OE
OE
Inputs
DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
SOP (S12)
TOP VIEW
See end of datasheet for TSOP pin configuration.


Similar Part No. - P3C1024L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
More results

Similar Description - P3C1024L

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
LOW POWER 128K x 8 CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com