Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C150 Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C150
Description  ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C150 Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C150 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C150 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
P4C150
Page 4 of 11
Document # SRAM105 REV A
Min Max
-12
TIMING WAVEFORM OF READ CYCLE NO. 3 (OE
OE
OE
OE
OE Controlled)(5)
AC CHARACTERISTICS—RESET CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Symbol
Parameter
-10
-15
-20
-25
-35
Min Max
Min Max
Min Max
Min Max
Min Max
Write Enable High to
Beginning of Reset
Chip Select Low to
Beginning of Reset
Reset Pulse Width
Chip Select Hold
after End of Reset
Write Enable Hold
after End of Reset
Reset High to
Output in Low Z
Reset Low to
Output in High Z
Reset Cycle Time
t
RRC
t
WER
t
CR
t
RP
t
HWR
t
RHZ
t
RLZ
20
0
0
10
0
10
24
0
0
12
12
30
0
0
15
0
15
0
0
40
0
0
20
0
20
0
50
0
25
0
25
0
70
0
30
0
35
0
Unit
ns
ns
ns
ns
ns
00
ns
t
HCR
ns
00
0
8
0
10
0
12
0
16
0
20
0
ns
TIMING WAVEFORM OF RESET CYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com