Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUB32871A Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICSSSTUB32871A
Description  27-Bit Registered Buffer for DDR2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSSSTUB32871A Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICSSSTUB32871A Datasheet HTML 1Page - Integrated Circuit Systems ICSSSTUB32871A Datasheet HTML 2Page - Integrated Circuit Systems ICSSSTUB32871A Datasheet HTML 3Page - Integrated Circuit Systems ICSSSTUB32871A Datasheet HTML 4Page - Integrated Circuit Systems ICSSSTUB32871A Datasheet HTML 5Page - Integrated Circuit Systems ICSSSTUB32871A Datasheet HTML 6Page - Integrated Circuit Systems ICSSSTUB32871A Datasheet HTML 7Page - Integrated Circuit Systems ICSSSTUB32871A Datasheet HTML 8Page - Integrated Circuit Systems ICSSSTUB32871A Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
1186G—04/16/07
ICSSSTUB32871A
Ball Assignment
Signal Group
Signal Name
Type
Description
Ungated inputs DCKE0, DCKE1,
DODT0, DODT1
SSTL_18
DRAM function pins not associated with Chip Select.
Chip Select
gated inputs
D0 ... D20
SSTL_18
DRAM inputs, re-driven only when Chip Select is LOW.
Chip Select
inputs
DCS0 , DCS1
SSTL_18
DRAM Chip Select signals. These pins initiate DRAM
address/command decodes, and as such at least one will be
low when a valid address/command is present. The register
can be programmed to re-drive all D-inputs only (CSGateEN
high) when at least one Chip Select input is LOW.
Re-driven
outputs
Q0...Q20,
QCS0-1,
QCKE0-1,
QODT0-1
SSTL_18
Outputs of the register, valid after the specified clock count
and immediately following a rising edge of the clock.
Parity input
PARIN
SSTL_18
Input parity is received on pin PARIN and should maintain
odd parity across the D0...D20 inputs, at the rising edge of the
clock.
Parity error
output
PTYERR
Open drain
When LOW, this output indicates that a parity error was
identified associated with the address and/or command inputs.
PTYERR will be active for two clock cycles, and delayed by
an additional clock cycle for compatibility with final parity
out timing on the industry-standard DDR-II register with
parity (in JEDEC definition).
Program inputs CSGateEN
1.8 V
LVCMOS
Chip Select Gate Enable. When HIGH, the D0..D20 inputs
will be latched only when at least one Chip Select input is
LOW during the rising edge of the clock. When LOW, the
D0...D20 inputs will be latched and redriven on every rising
edge of the clock.
Clock inputs
CK, CK
SSTL_18
Differential master clock input pair to the register. The
register operation is triggered by a rising edge on the positive
clock input (CK).
Miscellaneous
inputs
RESET
1.8 V
LVCMOS
Asynchronous reset input. When LOW, it causes a reset of the
internal latches, thereby forcing the outputs LOW. RESET
also resets the PTYERR signal.
VREF
0.9 V nominal Input reference voltage for the SSTL_18 inputs. Two pins
(internally tied together) are used for increased reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com