Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9200 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # STAC9200
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9200 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button STAC9200 Datasheet HTML 17Page - Integrated Device Technology STAC9200 Datasheet HTML 18Page - Integrated Device Technology STAC9200 Datasheet HTML 19Page - Integrated Device Technology STAC9200 Datasheet HTML 20Page - Integrated Device Technology STAC9200 Datasheet HTML 21Page - Integrated Device Technology STAC9200 Datasheet HTML 22Page - Integrated Device Technology STAC9200 Datasheet HTML 23Page - Integrated Device Technology STAC9200 Datasheet HTML 24Page - Integrated Device Technology STAC9200 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
STAC9200/9200D
2-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC
21
STAC9200/9200D
V 1.4 12/06
IDT CONFIDENTIAL
4. BLOCK DIAGRAMS AND TYPICAL HOOKUPS
4.1.
Functional Block Diagram
Figure 1. Functional Block Diagram
MONO_OUT
Pin 37
vol
mute
+0 dB
Pin Complex
Pins 39/41
vol
Stream/
Channel
Select
-6dB
Σ
STAC9200
Block Diagram
DAC BYPASS MODE
Stream/
Channel
Select
SPDIF
Receiver
SPDIF IN
mute
PCM to
SPDIF
OUT
SPDIF
Pin 13: Sense A
Pin 27: VREF In
Pin 28: VREF Out (switchable Mic Bias)
Pin 32: CAP 2
Pin 33: GPIO0
Pin 34: GPIO1
Pin 45: GPIO2
Pin 47: GPIO3
Pin Complex
Pins 35/36
Pin Complex
Pins 23/24
Pin Complex
Pins 21/22
Digital
PC Beep
HP
Out
Line
Out
Line
Out
HP
Out
STEREO
ADC
vol
mute
+22 dB
CD
Pin Complex
Pins 18/20
Single Bit Loopback
Stream/
Channel
Select
MIC
Boost
Stream/
Channel
Select
Port A
Port D
Port C
Port B
Pin 48
CD In
Pin 47
SD0
BIT_CLK
SDI
SYNC
Reset #
Pin 5
Pin 6
Pin 8
Pin 10
Pin 11
Σ
Analog PC
Beep
Pin 12
DAC A
Digital
DAC A
Analog
(Loop 3)
Loop 1
Loop 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com