Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSSSTUB32866B Datasheet(PDF) 21 Page - Integrated Circuit Systems

Part # ICSSSTUB32866B
Description  25-Bit Configurable Registered Buffer for DDR2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSSSTUB32866B Datasheet(HTML) 21 Page - Integrated Circuit Systems

Back Button ICSSSTUB32866B Datasheet HTML 17Page - Integrated Circuit Systems ICSSSTUB32866B Datasheet HTML 18Page - Integrated Circuit Systems ICSSSTUB32866B Datasheet HTML 19Page - Integrated Circuit Systems ICSSSTUB32866B Datasheet HTML 20Page - Integrated Circuit Systems ICSSSTUB32866B Datasheet HTML 21Page - Integrated Circuit Systems ICSSSTUB32866B Datasheet HTML 22Page - Integrated Circuit Systems ICSSSTUB32866B Datasheet HTML 23Page - Integrated Circuit Systems ICSSSTUB32866B Datasheet HTML 24Page - Integrated Circuit Systems ICSSSTUB32866B Datasheet HTML 25Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
ICSSSTUB32866B
Advance Information
1165—10/25/06
Output Buffer Characteristics
Output edge rates over recommended operating free-air temperature range (See figure 7)
MIN
MAX
dV/dt_r
1
4
V/ns
dV/dt_f
1
4
V/ns
dV/dt_
Δ1
1V/ns
1. Difference between dV/dt_r (rising edge rate) and dV/dt_f (falling edge rate)
PARAMETER
VDD = 1.8V ± 0.1V
UNIT
Electrical Characteristics - DC
TA = 0 - 70°C; VDD = 1.8 +/-0.1V (unless otherwise stated)
SYMBOL
PARAMETERS
VDD
MIN
TYP
MAX
UNITS
VIK
II = -18mA
-1.2
VOH
IOH = -6mA
1.7V
1.2
VOL
IOL = 6mA
1.7V
0.5
II
All Inputs
(2)
VI = VDD or GND
1.9V
-5
5
µA
Standby (Static)
RESET# = GND
100
µA
Operating (Static)
(3)
VI = VIH(AC) or VIL(AC),
RESET# = VDD
40
mA
Dynamic operating
(clock only)
RESET# = VDD,
VI = VIH(AC) or VIL(AC),
CLK and CLK# switching
50% duty cycle.
39
µA/clock
MHz
Dynamic Operating
(per each data input)
1:1 mode
19
Dynamic Operating
(per each data input)
1:2 mode
35
Data Inputs
2.5
3.5
CLK and CLK#
2
3
RESET#
2.5
1.8V
RESET# = VDD,
VI = VIH(AC) or VIL (AC),
CLK and CLK# switching
50% duty cycle. One data
input switching at half
clock frequency, 50%
duty cycle
CONDITIONS
V
µA/ clock
MHz/data
Ci
VI = VREF ±350mV
IDD
IO = 0
1.9V
IDDD
pF
VICR = 1.25V, VI(PP) = 360mV
VI = VDD or GND
Notes:
1 - Guaranteed by design, not 100% tested in production.
2 - PAR_IN leakage current is ±17
μA due to weak pull-down resistor. Allows this device to be used as replacement
for SSTUB32864B (has no parity).
3 - Static operating current will be greater than 40mA if both CLK and CLK# are pulled HIGH or LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com