Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C116-10FSM Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C116-10FSM
Description  ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C116-10FSM Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C116-10FSM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C116-10FSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
P4C116/P4C116L
Page 2 of 14
Document # SRAM110 REV A
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
–0.5 to +7
V
Respect to GND
Terminal Voltage with
–0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
(up to 7.0V)
T
A
Operating Temperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
–55 to +125
°C
Bias
T
STG
Storage Temperature
–65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
C
OUT
Output Capacitance V
OUT= 0V
7
pF
Grade(2)
Ambient Temp
Gnd
Vcc
Commercial
0°C to 70°C
0V
5.0V ±10%
Military
-55°C to +125°C
0V 5.0V ±10%
RECOMMENDED OPERATING CONDITIONS
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
I
SB
Standby Power Supply
Current (TTL Input Levels)
CE
≥ V
IH,
Mil.
V
CC= Max,
Ind./Com’l.
f = Max., Outputs Open
___
___
30
20
___
___
___
___
15
10
20
n/a
1
n/a
mA
mA
___
___
CE
≥ V
HC,
Mil.
V
CC= Max,
Ind./Com’l.
f = 0, Outputs Open
V
IN ≤ VLC or VIN ≥ VHC
Standby Power Supply
Current
(CMOS Input Levels)
I
SB1
Symbol
V
IH
V
IL
V
HC
V
LC
V
CD
V
OL
V
OH
I
LI
I
LO
Parameter
Input High Voltage
Input Low Voltage
CMOS Input High Voltage
CMOS Input Low Voltage
Input Clamp Diode Voltage
Output Low Voltage
(TTL Load)
Output High Voltage
(TTL Load)
Input Leakage Current
Output Leakage Current
Test Conditions
V
CC = Min., IIN = –18 mA
I
OL = +8 mA, VCC = Min.
I
OH = –4 mA, VCC = Min.
V
CC = Max.
Mil.
V
IN = GND to VCC
Com’l.
V
CC = Max., CE = VIH,
Mil.
V
OUT = GND to VCC
Com’l.
P4C116
Min
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–10
–5
–10
–5
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
–1.2
0.4
+10
+5
+10
+5
P4C116L
Min
Max
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–5
n/a
–5
n/a
V
CC +0.5
0.8
V
CC +0.5
0.2
0.4
–1.2
+5
n/a
+5
n/a
Unit
V
V
V
V
V
V
V
µA
µA
n/a = Not Applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com