Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C147-25LSM Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C147-25LSM
Description  ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C147-25LSM Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C147-25LSM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C147-25LSM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C147-25LSM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C147-25LSM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C147-25LSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C147-25LSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C147-25LSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C147-25LSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C147-25LSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
P4C147
Page 4 of 10
Document # SRAM103 REV A
Notes:
9. CE and WE must be LOW for WRITE cycle.
10. If CE goes HIGH simultaneously with WE high, the output remains
in a high impedance state.
-10
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(9)
TIMING WAVEFORM OF WRITE CYCLE NO. 2 (CE
CE
CE
CE
CE CONTROLLED)(9)
Sym.
t
WC
t
CW
t
AW
t
AS
t
WP
t
AH
t
DW
t
DH
t
WZ
t
OW
Parameter
Chip Enable Time to End of Write
Address Valid to End of Write
Address Set-up Time
Write Pulse Width
Address Hold Time from
End of Write
Data Valid to End of Write
Data Hold Time
Write Enable to Output in High Z
Output Active from End of Write
Min
10
8
8
0
8
0
5
0
0
Max
5
-12
Min
12
10
10
0
10
0
6
0
0
Max
6
-15
Min
15
12
12
0
12
0
7
0
0
Max
7
-20
Min
20
15
15
0
14
0
9
0
0
Max
9
-25
Min
25
20
20
0
15
0
12
0
0
Max
12
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
-35
Min
35
25
25
0
18
0
15
0
0
Max
15
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Write Cycle Time
11. Write Cycle Time is measured from the last valid address to the first
transition address.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com