Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C147-35LSM Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C147-35LSM
Description  ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C147-35LSM Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C147-35LSM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C147-35LSM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C147-35LSM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C147-35LSM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C147-35LSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C147-35LSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C147-35LSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C147-35LSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C147-35LSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Document # SRAM103 REV A
Revised October 2005
P4C147
ULTRA HIGH SPEED 4K x 1
STATIC CMOS RAM
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25 ns (Commercial)
– 15/20/25/35 ns (Military)
Low Power Operation
– 715 mW Active
–10 (Commercial)
– 550 mW Active
–25 (Commercial)
– 110 mW Standby (TTL Input)
– 55 mW Standby (CMOS Input)
Single 5V ± 10% Power Supply
Separate Input and Output Ports
Three-State Outputs
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 18 Pin 300 mil DIP
– 18 Pin CERPACK
– 18 Pin LCC (290 x 430 mils)
– 18 Pin LCC (295 x 335 mils)
DESCRIPTION
The P4C147 is a 4,096-bit ultra high speed static RAM
organized as 4K x 1. The CMOS memory requires no
clocks or refreshing, and have equal access and cycle
times. InputsarefullyTTL-compatible. TheRAMoperates
from a single 5V ± 10% tolerance power supply.
Access times as fast as 10 nanoseconds are available,
permitting greatly enhanced system operating speeds.
CMOS is utilized to reduce power consumption in both
active and standby modes. In addition to very high
performance, this device features latch-up protection
and single-event-upset protection.
The P4C147 is available in 18 pin 300 mil DIP packages,
an 18-pin CERPACK package, and 2 different LCC
packages.
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
DIP (P1, D1, C9),
CERPACK (F1) SIMILAR
LCC (L7, L7-1)


Similar Part No. - P4C147-35LSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C147-35LC ETC-P4C147-35LC Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-35LM ETC-P4C147-35LM Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-35LMB ETC-P4C147-35LMB Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
More results

Similar Description - P4C147-35LSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C147 ETC-P4C147 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C147 CYPRESS-CY7C147 Datasheet
384Kb / 7P
4K x 1 STATIC RAM
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
16K X 1 HIGH SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C107 PYRAMID-P4C107 Datasheet
544Kb / 8P
ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com