Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9759 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # STAC9759
Description  HIGH-PERFORMANCE 6-CHANNEL AC??7 2.3 CODEC WITH UNIVERSAL JACKS
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9759 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button STAC9759 Datasheet HTML 9Page - Integrated Device Technology STAC9759 Datasheet HTML 10Page - Integrated Device Technology STAC9759 Datasheet HTML 11Page - Integrated Device Technology STAC9759 Datasheet HTML 12Page - Integrated Device Technology STAC9759 Datasheet HTML 13Page - Integrated Device Technology STAC9759 Datasheet HTML 14Page - Integrated Device Technology STAC9759 Datasheet HTML 15Page - Integrated Device Technology STAC9759 Datasheet HTML 16Page - Integrated Device Technology STAC9759 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 119 page
background image
STAC9758/9759
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
PC AUDIO
IDT™
13
STAC9758/9759
V 1.2 1206
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
Analog Frequency Response (Note 3)
10
-
30,000
Hz
Total Harmonic Distortion + Noise (-3dB): (Note 4)
CD to LINE_OUT
-
-90
-
dB
LINE / AUX / VIDEO to LINE_OUT
-
-90
-
dB
PCM (DAC) to LINE_OUT (full scale)
-
-86
-
dB
PCM (DAC) in BYPASS Mode to LINE_OUT
-
-89
-
dB
LINE_IN to A/D (-3dBV input Level)
-
-81
-
dB
HEADPHONE_OUT (32
Ω load)
-
-80
-
dB
HEADPHONE_OUT (10 K
Ω load)
-
-85
-
dB
SNR (idle channel) (Note 5)
DAC to LINE_OUT
-
85
-
dB
DAC in BYPASS Mode
-
87
-
dB
LINE / AUX / VIDEO to LINE_OUT
-
100
-
dB
LINE_IN to A/D with High Pass Filter enabled
-
92
-
dB
A/D & D/A Digital Filter Pass Band (Note 6)
20
-
19,200
Hz
A/D & D/A Digital Filter Transition Band
19,200
-
28,800
Hz
A/D & D/A Digital Filter Stop Band
28,800
-
-
Hz
A/D & D/A Digital Filter Stop Band Rejection (Note 7)
-100
-
-
dB
DAC Out-of-Band Rejection (Note 8)
-55
-
-
dB
Group Delay (48 KHz sample rate)
-
-
1
ms
Power Supply Rejection Ratio (1 KHz)
-
-70
-
dB
Power Supply Rejection Ratio (20 KHz)
-
-40
-
dB
Any Analog Input to LINE_OUT Crosstalk
(10 KHz Signal Frequency)
-
-70
-
dB
Any Analog Input to LINE_OUT Crosstalk
(1 KHz Signal Frequency)
-
-90
-
dB
Spurious Tone Rejection
-
-100
-
dB
Attenuation, Gain Step Size
-
1.5
-
dB
Input Impedance
-
50
-
K
Ω
Input Capacitance
-
15
-
pF
VREFout
-
0.5 X AVdd
-
V
VREF
-
0.45X AVdd
-
V
Interchannel Gain Mismatch ADC
-
-
0.5
dB
Interchannel Gain Mismatch DAC
-
-
0.5
dB
Gain Drift
-
100
-
ppm/ºC
DAC Offset Voltage
-
10
20
mV
Deviation from Linear Phase
-
-
1
degrees
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com