Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS000M Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BFS000M
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFS000M Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BFS000M Datasheet HTML 1Page - Balluff Korea Ltd. BFS000M Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BFS 33M-GSI-F01-S75
Order Code: BFS000M
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-07
Subject to change without notice: 237399
ETIM 6.0: EC001817
BFS000M_0.1_2024-10-16
2 / 2
Mechanical data
Dimension
21 x 58.3 x 58 mm
Mounting part
Screw M4
Optical features
Ambient light max.
5000 Lux
LED group per IEC 62471
Exempt Group
Light type
White light
Principle of optical operation
Diffuse sensor
Wave length
400…700 nm
Remarks
The sensor is functional again after the overload has been eliminated.
Reference object (target): gray card, 100 x 100, 18 % remission, axial approach.
For additional information, refer to user's guide.
Order accessories separately.
Do not press key using a pointed tool.
All sensor functions can be set and read through the IO-Link interface (COM mode). The colors/color ranges can be read individually through IO-Link.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols
Warning Symbols
LED light– DO NOT LOOK INTO THE BEAM!
Exempt Group per IEC 62471:2006-07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com