Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0089 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS0089
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0089 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS0089 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0089 Datasheet HTML 2Page - Balluff Korea Ltd. BOS0089 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 26K-PA-1HC-S4-C
Order Code: BOS0089
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-04
Subject to change without notice: 270975
ETIM 6.0: EC001822
BOS0089_0.63_2024-10-10
2 / 3
Environmental conditions
Ambient temperature
-20...60 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP67
Functional safety
MTTF (40 °C)
193 a
Interface
Switching output
PNP normally closed (NC)
PNP normally open (NO) Pins 4-2
Material
Housing material
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
17 x 50 x 50 mm
Mounting part
Screw M4
Optical features
Ambient light max.
5000 Lux
Light spot size
Ø 8 mm at 200 mm
Light type
LED, red light
Principle of optical operation
Diffuse sensor, triangulation
Special optical feature
Background suppression
Switching function, optical
Light-on
dark-on
Wave length
660 nm
Range/Distance
Distance deviation 18 % max. (% of Sr)
8 % on 90 % rem.
Hysteresis H max. (% of Sr)
5.0 %
Range
30...300 mm
Rated operating distance Sn
300 mm
Remarks
Order accessories separately.
For additional information, refer to user's guide.
The sensor is functional again after the overload has been eliminated.
Reference object (target): gray card, 200 x 200, 90 % remission, axial approach.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com