Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS00JJ Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS00JJ
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS00JJ Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS00JJ Datasheet HTML 1Page - Balluff Korea Ltd. BOS00JJ Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 18KF-PA-1FR-S4-C
Order Code: BOS00JJ
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-05
Subject to change without notice: 269075
ETIM 6.0: EC002716
BOS00JJ_0.84_2024-08-26
2 / 2
Mechanical data
Dimension
Ø 18 x 87 mm
Mounting part
Screw M3
Nut M18x1
Tightening torque max.
1.5 Nm
Optical features
Ambient light max.
5000 Lux
Light type
LED, red light
Principle of optical operation
depends on fiber optics
Switching function, optical
Light/dark switching
Light-on
Wave length
660 nm
Range/Distance
Range
depends on fiber optics
Remarks
Order accessories separately.
For additional information, refer to user's guide.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com