Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS00WF Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS00WF
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS00WF Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS00WF Datasheet HTML 1Page - Balluff Korea Ltd. BOS00WF Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 12M-PA-LE10-S4
Order Code: BOS00WF
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 153133
ETIM 6.0: EC002716
BOS00WF_0.94_2024-09-02
2 / 2
Material
Housing material
Brass, nickel-plated
Material sensing surface
PMMA
Surface protection
nickel-plated
Mechanical data
Dimension
Ø 12 x 70 mm
Minimum gap, typ.
0.5mm at 3m, R0= 6m (LS12)
Mounting part
Nut M12x1
Tightening torque max.
15 Nm
Optical features
Ambient light max.
5000 Lux
Light type
Laser red light
Principle of optical operation
Through-beam sensor (receiver)
Smallest part typ.
50 µm at focal point, R0 = 3 m
(LS11)
Switching function, optical
Light-on
dark-on
Range/Distance
Range
0...30 m
Rated operating distance Sn
3 m Adjustable
depends on emitter
Temperature drift max. (% of Sr)
compensated
Remarks
Order accessories separately.
The sensor is functional again after the overload has been eliminated.
Actuation object (target): gray card, 200 x 200, lateral approach.
For additional information, refer to user's guide.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com