Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0134 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS0134
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0134 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS0134 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0134 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 30M-GA-1PH-S4-C
Order Code: BOS0134
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-03
Subject to change without notice: 270978
ETIM 6.0: EC001821
BOS0134_0.66_2024-10-10
2 / 2
Material
Housing material
Brass, nickel-plated
Material sensing surface
Glass
Surface protection
nickel-plated
Mechanical data
Dimension
Ø 36 x 89 mm
Mounting part
Nut M30x1.5
Tightening torque max.
40 Nm
Optical features
Ambient light max.
1000 Lux
Beam characteristic
Divergent
Light type
Infrared
Principle of optical operation
Diffuse sensor, energetic
Switching function, optical
Light/dark switching
Wave length
880 nm
Range/Distance
Hysteresis H max. (% of Sr)
15.0 %
Range
200...2000 mm
Rated operating distance Sn
2 m, Adjustable
Temperature drift max. (% of Sr)
10 %
Remarks
Reference object (target): gray card, 200 x 200, 90 % remission, axial approach.
The sensor is functional again after the overload has been eliminated.
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com