Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS018P Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS018P
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS018P Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS018P Datasheet HTML 1Page - Balluff Korea Ltd. BOS018P Datasheet HTML 2Page - Balluff Korea Ltd. BOS018P Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 50K-PA-RH12-S4
Order Code: BOS018P
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-04
Subject to change without notice: 185593
ETIM 6.0: EC001822
BOS018P_0.134_2024-09-02
2 / 3
Functional safety
MTTF (40 °C)
219 a
Interface
Switching output
PNP normally closed (NC)
PNP normally open (NO) Pins 4-2
Material
Housing material
PC
ABS
Material sensing surface
Glass
Mechanical data
Dimension
28.5 x 80.5 x 62 mm
Distance deviation 6 % max. (% of Sr)
25.0 %
Mounting part
Screw M5
Optical features
Ambient light max.
10000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light spot size
60 x 60 mm at Sr
Light type
LED, red light
Principle of optical operation
Diffuse sensor, triangulation
Special optical feature
Background suppression
Switching function, optical
Light/dark switching
Wave length
630 nm
Range/Distance
Distance deviation 18 % max. (% of Sr)
8 %
Hysteresis H max. (% of Sr)
5.0 %
Range
200...2000 mm
Rated operating distance Sn
2 m Adjustable
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Remarks
The sensor is functional again after the overload has been eliminated.
Reference object (target): gray card, 200 x 200, 90 % remission, axial approach.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com