Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01CE Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01CE
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01CE Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01CE Datasheet HTML 1Page - Balluff Korea Ltd. BOS01CE Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 18M-PA-PR20-S4
Order Code: BOS01CE
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 271506
ETIM 6.0: EC002717
BOS01CE_0.94_2024-09-02
2 / 2
Functional safety
MTTF (40 °C)
889 a
Interface
Switching output
PNP normally closed (NC)
PNP normally open (NO) Pins 4-2
Material
Housing material
Brass, nickel-plated
Housing material, surface protection
nickel-plated
Material sensing surface
Glass, anti-glare
Surface protection
nickel-plated
Mechanical data
Dimension
Ø 18 x 75 mm
Mounting part
Nut M18x1
Tightening torque max.
15 Nm
30 Nm
Optical features
Ambient light max.
10000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light spot size
Ø 300 mm at 7 m
Light type
LED, red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor
Switching function, optical
Light-on
dark-on
Wave length
626 nm
Range/Distance
Range
0...7 m
Rated operating distance Sn
7 m Adjustable
Remarks
Order accessories separately.
Polarizing filters prevent spurious switching due to reflecting and shiny parts.
For additional information, refer to user's guide.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com