Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01CR Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01CR
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01CR Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01CR Datasheet HTML 1Page - Balluff Korea Ltd. BOS01CR Datasheet HTML 2Page - Balluff Korea Ltd. BOS01CR Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 50K-PA-PR10-S4
Order Code: BOS01CR
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 284246
ETIM 6.0: EC002717
BOS01CR_0.71_2024-09-02
2 / 3
Electrical data
Load capacitance max. at Ue
100 nF
No-load current Io max. at Ue
30 mA
Operating voltage Ub
10...30 VDC
Protection class
II
Rated insulation voltage Ui
250 V AC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
20 ms
Residual current Ir max.
10 µA
Ripple max. (% of Ue)
10 %
Switching frequency
800 Hz
Turn-off delay toff max.
0.65 ms
Turn-on delay ton max.
0.65 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2.5 V
Environmental conditions
Ambient temperature
-5...55 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 1 mm, 3x30
min
IP rating
IP67
Functional safety
MTTF (40 °C)
889 a
Interface
Switching output
PNP normally closed (NC)
PNP normally open (NO) Pins 4-2
Material
Housing material
PC
ABS
Material sensing surface
Glass
Mechanical data
Dimension
28.5 x 80.5 x 62 mm
Mounting part
Screw M5
Optical features
Ambient light max.
10000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light spot size
200 x 200 mm at 10 m
Light type
LED, red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor
Switching function, optical
Light-on
dark-on
Wave length
630 nm
Range/Distance
Range
0...18 m
Rated operating distance Sn
18 m Adjustable
Temperature drift max. (% of Sr)
10 %
Remarks
Order accessories separately.
The sensor is functional again after the overload has been eliminated.
For additional information, refer to user's guide.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com