Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01FN Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01FN
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01FN Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01FN Datasheet HTML 1Page - Balluff Korea Ltd. BOS01FN Datasheet HTML 2Page - Balluff Korea Ltd. BOS01FN Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 23K-PA-RR10-S4
Order Code: BOS01FN
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 214875
ETIM 6.0: EC001821
BOS01FN_1.1_2024-10-10
2 / 3
Electrical data
No-load current Io max. at Ue
30 mA
Operating voltage Ub
10...30 VDC
Protection class
II
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
300 ms
Residual current Ir max.
50 µA
Ripple max. (% of Ue)
10 %
Switching frequency
600 Hz
Turn-off delay toff max.
0.83 ms
Turn-on delay ton max.
0.83 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2 V
Environmental conditions
Ambient temperature
-20...60 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP6x
IP rating per DIN 40050
IPx9K
Functional safety
MTTF (40 °C)
412 a
Interface
Switching output
PNP normally closed (NC)
PNP normally open (NO)
Material
Housing material
PC
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
23 x 51 x 52.4 mm
Mounting part
Screw M4
Tightening torque max.
1.5 Nm
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
Blind zone
300 mm
LED group per IEC 62471
Exempt Group
Light spot size
300 x 300 mm at 12 m
Light type
LED, red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor
Switching function, optical
dark-on/light-on
Light/dark switching
Wave length
640 nm
Range/Distance
Range
0...14 m
Rated operating distance Sn
14 m, Adjustable
Remarks
The sensor is functional again after the overload has been eliminated.
Actuation object (target): gray card, 200 x 200, 90 % remission, lateral approach, approach direction vertical to lens axis plane.
Teach-in also possible when object is in motion.
For additional information, refer to user's guide.
Order accessories separately.
Do not press key using a pointed tool.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com