Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01FP Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01FP
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01FP Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01FP Datasheet HTML 1Page - Balluff Korea Ltd. BOS01FP Datasheet HTML 2Page - Balluff Korea Ltd. BOS01FP Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 23K-PA-RE10-S4
Order Code: BOS01FP
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 214876
ETIM 6.0: EC002716
BOS01FP_0.72_2024-10-10
2 / 3
Electrical data
No-load current Io max. at Ue
30 mA
Operating voltage Ub
10...30 VDC
Protection class
II
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
300 ms
Residual current Ir max.
50 µA
Ripple max. (% of Ue)
10 %
Switching frequency
500 Hz
Turn-off delay toff max.
1 ms
Turn-on delay ton max.
1 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2 V
Environmental conditions
Ambient temperature
-20...60 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP6x
IP rating per DIN 40050
IPx9K
Functional safety
MTTF (40 °C)
424 a
Interface
Switching output
PNP normally closed (NC)
PNP normally open (NO)
Material
Housing material
PC
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
23 x 51 x 52.4 mm
Mounting part
Screw M4
Tightening torque max.
1.5 Nm
Optical features
Ambient light max.
5000 Lux
Light type
LED, red light
Principle of optical operation
Through-beam sensor (receiver)
Switching function, optical
dark-on/light-on
Light/dark switching
Range/Distance
Range
0...25 m
Rated operating distance Sn
25 m, Adjustable
Remarks
The sensor is functional again after the overload has been eliminated.
Actuation object (target): gray card, 200 x 200, 90 % remission,lateral approach
Teach-in also possible when object is in motion.
For additional information, refer to user's guide.
Order accessories separately.
Do not press key using a pointed tool.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com