Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01JP Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01JP
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01JP Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01JP Datasheet HTML 1Page - Balluff Korea Ltd. BOS01JP Datasheet HTML 2Page - Balluff Korea Ltd. BOS01JP Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 5K-PU-LX10-S75
Order Code: BOS01JP
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 221973
ETIM 6.0: EC002716
BOS01JP_0.108_2024-10-15
2 / 3
Environmental conditions
Ambient temperature
-10...55 °C
EN 60068-2-27, Shock
Half-sinus, 50 g , 11 ms, 3x10
EN 60068-2-6, Vibration
10…55 Hz, amplitude 1.5 mm, 3x2
h
IP rating
IP67
Functional safety
MTTF (40 °C)
3 a
Interface
Switching output
PNP normally open/normally
closed (NO/NC)
Material
Housing material
PC
PBT
Material sensing surface
PMMA
Mechanical data
Dimension
10.8 x 43.5 x 19.5 mm
Mounting part
Screw M3
Tightening torque max.
0.5 Nm
Optical features
Ambient light max.
5000 Lux
Average power Po max.
390 µW
Beam characteristic
Divergent
Laser class per IEC 60825-1
1
Light spot size
Ø 5 mm at 3 m
Light type
Laser red light
Principle of optical operation
Through-beam sensor
Pulse duration t max.
1.4 µs
Pulse frequency
20 kHz
Pulse power Pp max.
4.5 mW
Switching function, optical
dark-on/light-on
Wave length
650 nm
Range/Distance
Range
0...30 m
Rated operating distance Sn
30 m, Adjustable
Remarks
Actuation object (target): gray card, 200 x 200, lateral approach.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
For additional information, refer to user's guide.
Order accessories separately.
When using as a UL product the ambient temperature Ta max. must not exceed 50°C.
To meet the EMC requirements of EN 60947-5-2 the mounting bracket must not be grounded.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com