Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01JW Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01JW
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01JW Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01JW Datasheet HTML 1Page - Balluff Korea Ltd. BOS01JW Datasheet HTML 2Page - Balluff Korea Ltd. BOS01JW Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 5K-PU-LR10-S75
Order Code: BOS01JW
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 221978
ETIM 6.0: EC002717
BOS01JW_0.11_2024-10-15
2 / 3
Environmental conditions
Ambient temperature
-10...55 °C
EN 60068-2-27, Shock
Half-sinus, 50 g , 11 ms, 3x10
EN 60068-2-6, Vibration
10…55 Hz, amplitude 1.5 mm, 3x2
h
IP rating
IP67
Functional safety
MTTF (40 °C)
3 a
Interface
Switching output
PNP normally open/normally
closed (NO/NC)
Material
Housing material
PC
PBT
Material sensing surface
PMMA
Mechanical data
Dimension
10.8 x 43.5 x 19.5 mm
Mounting part
Screw M3
Tightening torque max.
0.5 Nm
Optical features
Ambient light max.
5000 Lux
Average power Po max.
390 µW
Beam characteristic
Divergent
Blind zone
300 mm
Laser class per IEC 60825-1
1
Light spot size
Ø 5 mm at 3 m
Light type
Laser red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor
Pulse duration t max.
1.4 µs
Pulse frequency
28.6 kHz
Pulse power Pp max.
4.5 mW
Switching function, optical
dark-on/light-on
Wave length
650 nm
Range/Distance
Range
0...10 m
Rated operating distance Sn
10 m, Adjustable
Remarks
Actuation object (target): gray card, 200 x 200, 90 % remission, lateral approach, approach direction vertical to lens axis plane.
The sensor is functional again after the overload has been eliminated.
Order accessories separately.
For additional information, refer to user's guide.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
Polarizing filters prevent spurious switching due to reflecting and shiny parts.
When using as a UL product the ambient temperature Ta max. must not exceed 50°C.
To meet the EMC requirements of EN 60947-5-2 the mounting bracket must not be grounded.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com