Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01MU Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01MU
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01MU Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01MU Datasheet HTML 1Page - Balluff Korea Ltd. BOS01MU Datasheet HTML 2Page - Balluff Korea Ltd. BOS01MU Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS Q08M-PS-LR20-00,2-S49
Order Code: BOS01MU
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 268658
ETIM 6.0: EC002717
BOS01MU_0.111_2024-10-07
2 / 3
Functional safety
MTTF (40 °C)
1619 a
Interface
Switching output
PNP normally open (NO)
Material
Housing material
Zinc, Die casting, nickel-plated
Material jacket
PUR
Material sensing surface
PMMA
Surface protection
nickel-plated
Mechanical data
Dimension
8 x 59 x 8 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Average power Po max.
390 µW
Beam characteristic
Divergent
Blind zone
25 mm
Laser class per IEC 60825-1
1
Light spot size
Ø 3.0 mm Light exit
Light type
Laser red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor
Pulse duration t max.
10.0 µs
Pulse frequency
10.8 kHz
Pulse power Pp max.
3.1 mW
Smallest part typ.
0.4 mm at 100 mm. R0 = 500 mm
Switching function, optical
dark-on
Wave length
655 nm
Range/Distance
Range
0...1 m
Rated operating distance Sn
1 m
Remarks
Polarizing filters prevent spurious switching due to reflecting and shiny parts.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
Order accessories separately.
For additional information, refer to user's guide.
Actuation object (target): gray card, 200 x 200, 90 % remission, lateral approach, approach direction vertical to lens axis plane.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com