Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01RK Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01RK
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01RK Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01RK Datasheet HTML 1Page - Balluff Korea Ltd. BOS01RK Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 08E-PS-PR20-S49
Order Code: BOS01RK
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 265716
ETIM 6.0: EC002717
BOS01RK_0.118_2024-09-02
2 / 2
Interface
Switching output
PNP normally open (NO)
Material
Housing material
Stainless steel
Material sensing surface
PMMA
Mechanical data
Dimension
Ø 8 x 40 mm
Mounting part
Nut M8x1
Optical features
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light spot size
Ø 3.0 mm Light exit
Light type
LED, red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor
Switching function, optical
dark-on
Wave length
645 nm
Range/Distance
Range
30 mm...1 m
Rated operating distance Sn
1 m
Remarks
Order accessories separately.
For additional information, refer to user's guide.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com