Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS020T Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS020T
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS020T Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS020T Datasheet HTML 1Page - Balluff Korea Ltd. BOS020T Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS R020K-PS-PR11-00,2-S49
Order Code: BOS020T
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 271952
ETIM 6.0: EC002717
BOS020T_0.74_2024-10-15
2 / 2
Mechanical data
Dimension
7.7 x 26.8 x 13.5 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
Blind zone
25 mm
Light spot size
Ø 10 mm at 100 mm
Light type
LED, red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor
Switching function, optical
dark-on
Wave length
660 nm
Range/Distance
Range
0...3 m
Rated operating distance Sn
3 m
Remarks
Order accessories separately.
For additional information, refer to user's guide.
The sensor is functional again after the overload has been eliminated.
Actuation object (target): gray card, 200 x 200, 90 % remission, lateral approach, approach direction vertical to lens axis plane.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com