Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0214 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS0214
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0214 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS0214 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0214 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS R020K-PS-RX11-00,2-S49
Order Code: BOS0214
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 271963
ETIM 6.0: EC002716
BOS0214_0.82_2024-10-15
2 / 2
Environmental conditions
Ambient temperature
-25...55 °C
IP rating
IP67
Functional safety
MTTF (40 °C)
2659 a
Interface
Switching output
PNP normally open (NO)
Material
Housing material
PC
PBT
Material jacket
PVC
Material sensing surface
PMMA
Mechanical data
Dimension
7.7 x 26.8 x 13.5 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
Light spot size
Ø 23 mm at 500 mm
Light type
LED, red light
Principle of optical operation
Through-beam sensor
Switching function, optical
dark-on
Wave length
660 nm
Range/Distance
Range
0...2 m
Rated operating distance Sn
2 m
Remarks
Actuation object (target): gray card, 200 x 200, lateral approach.
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com