Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0267 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS0267
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0267 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS0267 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0267 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS Q08M-PS-LE21-00,2-S49
Order Code: BOS0267
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 270987
ETIM 6.0: EC002716
BOS0267_0.92_2024-09-02
2 / 2
Material
Housing material
Zinc, Die casting, nickel-plated
Material sensing surface
PMMA
Surface protection
nickel-plated
Mechanical data
Dimension
8 x 44 x 8 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Light type
Laser red light
Principle of optical operation
Through-beam sensor (receiver)
Switching function, optical
dark-on
Range/Distance
Range
0...3 m
Rated operating distance Sn
3 m
Remarks
Order accessories separately.
The sensor is functional again after the overload has been eliminated.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com