Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS027R Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS027R
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS027R Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS027R Datasheet HTML 1Page - Balluff Korea Ltd. BOS027R Datasheet HTML 2Page - Balluff Korea Ltd. BOS027R Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 21M-PAI-RE30-S4
Order Code: BOS027R
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 277430
ETIM 6.0:
BOS027R_1.14_2024-09-02
2 / 3
Electrical data
Load capacitance max. at Ue
0.2 µF
No-load current Io max. at Ue
35 mA
Operating voltage Ub
10...30 VDC
Protection class
II
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
200 ms
Residual current Ir max.
10 µA
Ripple max. (% of Ue)
8 %
Switching frequency
1000 Hz
Turn-off delay toff max.
0.5 ms
Turn-on delay ton max.
0.5 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2 V
Environmental conditions
Ambient temperature
-25...60 °C
Ambient temperature UL max.
55 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 1 mm, 3x30
min
IP rating
IP67, IP69K
Functional safety
MTTF (40 °C)
1208 a
IO-Link
IO-Link Profil IDs
N/A
Interface
Baud rate
38.4 kBaud
Interface
IO-Link 1.1
Interface setting option
Display limit range
Display temperature
Display setting switching range
Process data IN
0 bytes
Process data OUT
1 byte
Process data cycle min.
4 ms
Material
Housing material
Zinc, Die casting, Powder coated
Die-cast zinc
Material sensing surface
PMMA
Surface protection
Powder coated
Mechanical data
Dimension
15.4 x 51.1 x 42.7 mm
Mounting part
Screw M4
Optical features
Ambient light max.
5000 Lux
Light type
Red light
Principle of optical operation
Through-beam sensor (receiver)
Switching function, optical
Light-on
dark-on
Range/Distance
Range
0...20 m
Rated operating distance Sn
20 m Adjustable
Remarks
Order accessories separately.
For additional information, refer to user's guide.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com