Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0286 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS0286
Description  Smart Automation and Monitoring System Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0286 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS0286 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0286 Datasheet HTML 2Page - Balluff Korea Ltd. BOS0286 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Smart Automation and Monitoring System
Photoelectric Sensors
BOS R254K-UUI-PR10-S4
Order Code: BOS0286
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 279073
ETIM 6.0:
BOS0286_1.6_2024-09-02
2 / 3
Electrical data
Load capacitance max. at Ue
100 nF
No-load current Io max. at Ue
20 mA
Operating voltage Ub
10...30 VDC
Protection class
II
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
300 ms
Residual current Ir max.
500 µA
Ripple max. (% of Ue)
10 %
Switching frequency
1 kHz 2 kHz (Speed mode)
Turn-off delay toff max.
0.5 ms
Turn-on delay ton max.
0.5 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2.5 V
Environmental conditions
Ambient temperature
-40...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP67, IP6K9K
Functional safety
MTTF (40 °C)
273.6 a
IO-Link
IO-Link Profil IDs
0x0001 SSP0
0x0007 SSP2.4
0x0008 SSP2.5
0x0009 SSP2.6
0x4000 Identification and
Diagnosis
IO-Link function classes
0x8001 Binary Data Channel
0x8007 Single Value Teach
0x8008 Two Value Teach
0x8009 Dynamic Teach
0x800C Transducer Disable
Supported IO-Link Profiles
Common Profile
Legacy Smart Sensor Profile
Smart Sensor Profile - Adjustable
Switching Sensor
Interface
Analog output
Analog, current 4…20 mA
Baud rate
COM3 (230,4 kBaud)
Interface
IO-Link 1.1
Process data IN
1 byte
Process data OUT
1 byte
Process data cycle min.
3 ms
Switching output
Pin 2: PNP/NPN/push-pull NO/NC
Pin 4: Push-pull NO/NC
Time function
Single pulse
On/off delay
Material
Housing material
PA 12
PA PACM 12
Material sensing surface
PA PACM 12
Mechanical data
Dimension
20.4 x 60.3 x 49.5 mm
Mounting part
Screw M4
Optical features
Ambient light max.
10000 Lux
Beam characteristic
Divergent
LED group per IEC 62471
Exempt Group
Light spot size
200 x 200 mm at 8 m
Light type
LED, red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor
Switching function, optical
Light/dark switching
Wave length
633 nm
Range/Distance
Hysteresis H max. (% of Sr)
10 %
Hysteresis H typ. (% of Sr)
5 %
Range
8 m
Rated operating distance Sn
8 m Adjustable
Temperature drift max. (% of Sr)
10 %
Remarks
For additional information, refer to user's guide.
Order accessories separately.
The sensor is functional again after the overload has been eliminated.
For use with reflector BOS R-1
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com