Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0288 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS0288
Description  Smart Automation and Monitoring System Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0288 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS0288 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0288 Datasheet HTML 2Page - Balluff Korea Ltd. BOS0288 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Smart Automation and Monitoring System
Photoelectric Sensors
BOS R254K-UUI-RE10-S4
Order Code: BOS0288
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 279075
ETIM 6.0:
BOS0288_1.6_2024-09-02
2 / 3
Electrical data
Load capacitance max. at Ue
100 nF
No-load current Io max. at Ue
20 mA
Operating voltage Ub
10...30 VDC
Protection class
II
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
300 ms
Residual current Ir max.
500 µA
Ripple max. (% of Ue)
10 %
Switching frequency
1 kHz 2 kHz (Speed mode)
Turn-off delay toff max.
0.5 ms
Turn-on delay ton max.
0.33 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2.5 V
Environmental conditions
Ambient temperature
-40...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP67, IP6K9K
Functional safety
MTTF (40 °C)
273.6 a
IO-Link
IO-Link Profil IDs
0x0001 SSP0
0x0007 SSP2.4
0x0008 SSP2.5
0x0009 SSP2.6
0x4000 Identification and
Diagnosis
IO-Link function classes
0x8001 Binary Data Channel
0x8007 Single Value Teach
0x8008 Two Value Teach
0x8009 Dynamic Teach
0x800C Transducer Disable
Supported IO-Link Profiles
Common Profile
Legacy Smart Sensor Profile
Smart Sensor Profile - Adjustable
Switching Sensor
Interface
Analog output
Analog, current 4…20 mA
Baud rate
COM3 (230,4 kBaud)
Interface
IO-Link 1.1
Process data IN
1 byte
Process data OUT
1 byte
Process data cycle min.
3 ms
Switching output
Pin 2: PNP/NPN/push-pull NO/NC
Pin 4: Push-pull NO/NC
Time function
Single pulse
On/off delay
Material
Housing material
PA 12
PA PACM 12
Material sensing surface
PA PACM 12
Mechanical data
Dimension
20.4 x 60.3 x 49.5 mm
Mounting part
Screw M4
Optical features
Ambient light max.
10000 Lux
Light type
Red light
Principle of optical operation
Through-beam sensor (receiver)
Range/Distance
Hysteresis H max. (% of Sr)
10 %
Hysteresis H typ. (% of Sr)
5 %
Range
0...20 m
Rated operating distance Sn
20 m Adjustable
Temperature drift max. (% of Sr)
10 %
Remarks
Order accessories separately.
For additional information, refer to user's guide.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com