Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS02F0 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS02F0
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS02F0 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS02F0 Datasheet HTML 1Page - Balluff Korea Ltd. BOS02F0 Datasheet HTML 2Page - Balluff Korea Ltd. BOS02F0 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 6K-UI-LK10-S75
Order Code: BOS02F0
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 291931
ETIM 6.0: EC002717
BOS02F0_1.6_2024-08-20
2 / 3
Mechanical data
Dimension
12 x 34 x 21.6 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Average power Po max.
390 µW
Laser class per IEC 60825-1
1
Light spot size
4 x 2 mm at 2 m
Light type
Laser red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor,
Autocollimation
Pulse duration t max.
1 µs
Pulse frequency
18.2 kHz
Switching function, optical
dark-on/light-on
Wave length
650 nm
Range/Distance
Range
0...4 m
Rated operating distance Sn
4 m, Adjustable
Remarks
The sensor is functional again after the overload has been eliminated.
Order accessories separately.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com