Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9204 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # STAC9204
Description  4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9204 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button STAC9204 Datasheet HTML 17Page - Integrated Device Technology STAC9204 Datasheet HTML 18Page - Integrated Device Technology STAC9204 Datasheet HTML 19Page - Integrated Device Technology STAC9204 Datasheet HTML 20Page - Integrated Device Technology STAC9204 Datasheet HTML 21Page - Integrated Device Technology STAC9204 Datasheet HTML 22Page - Integrated Device Technology STAC9204 Datasheet HTML 23Page - Integrated Device Technology STAC9204 Datasheet HTML 24Page - Integrated Device Technology STAC9204 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 213 page
background image
STAC9204/9205
4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
PC AUDIO
IDT™
21
STAC9204/9205
V 1.0 12/06
4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
For different analog supply voltages, Table 3 summarizes what ports can be detected and the resis-
tor tolerance needed.
Includes pull-up resistors on Sense A/B and series resistors between jack switch and Sense A/B.
See the reference design for more information on Jack Detect implementation.
1.3.8.2.
Impedance Sense
Impedance Sensing is accomplished by on-chip circuitry that tests the impedance at the pin of the
chip and compares it to internal reference impedance. Table 4 describes the bin information and the
codes that are returned when the Pin Widget Impedance field in the Port Pin Sense widget is read.
Please note that even under the best conditions, there is no method to guarantee 100% impedance
sensing due to variations in external circuitry and impedance overlap of devices that can be plugged
into a jack. The impedance sense table reflects both standard Line Out and Headphone output driv-
ers.
Table 3. Jack Detect
AVdd Nominal Voltage
(+/- 5%)
Resistor Tolerance
Sense A
(If port D is used)
Resistor Tolerance
Sense A
(If port D is not used)
Resistor Tolerance
Sense B
(For ports E and F)
5 V
1%1%1%
4.5 V
1%
1%
1%
4 V
0.50%
1%
1%
3.3 V
0.10%
1%
1%
Table 4. Impedance Sense
Bins
Return Hex Code
Measured Impedance Level
General Device Detected
000b
0064h
Impedance < 300
Ω
Passive Speakers, Headset Speakers
001b
012Ch
Impedance = 300
Ω +/- 25%
Some Headset Speakers
010b
028Ah
300
Ω > Impedance < 1275 Ω
Some Microphones
011b
03E8h
Impedance = 1275
Ω +/- 25%
Microphones
100b
07D0h
1275
Ω > Impedance < 2000 Ω
Microphones
101b
0BB8h
Impedance = 2000
Ω +/- 25%
Amplified Speakers
110b
2710h
> 2000
Ω
Amplified Speakers, Line In
111b
2710h
> 2000
Ω
Amplified Speakers, Line In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com