Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9250 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # STAC9250
Description  TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9250 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button STAC9250 Datasheet HTML 17Page - Integrated Device Technology STAC9250 Datasheet HTML 18Page - Integrated Device Technology STAC9250 Datasheet HTML 19Page - Integrated Device Technology STAC9250 Datasheet HTML 20Page - Integrated Device Technology STAC9250 Datasheet HTML 21Page - Integrated Device Technology STAC9250 Datasheet HTML 22Page - Integrated Device Technology STAC9250 Datasheet HTML 23Page - Integrated Device Technology STAC9250 Datasheet HTML 24Page - Integrated Device Technology STAC9250 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 137 page
background image
STAC9250/9251
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
21
STAC9250/9251
V 1.1 102706
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
5.2.
Widget Diagram - STAC9251
Figure 4. STAC9251 Widget Diagram
SPDIF In
Pin
7h
SPDIF Out
Pin
8h
Stereo Input
SPDIF IN
4h
Stereo
ADC Input
3h
Stereo
SPDIF Output
5h
Stereo
DAC Output
2h
ADC Vol
Mux
9h
SPDIFOut
SPDIF In
DAC
LR Swap
6h
0
1
1
0
2
Digital
Analog
LR Swap
Pin
HP Out, LineOut,
LineIn, MIC
Ah
Pin
HP Out, LineOut,
LineIn, MIC
Dh
Pin
LineOut, LineIn,
MIC
Ch
Pin
LineOut, LineIn,
MIC
Bh
Pin
CD In
11h
Pin
MONO Out
10h
HP Out
Line Out
Line In
MIC
CD
MONO Out
HP: 0
HP: 0
Universal Jack
TM
Actual Pins
39/41
Universal Jack
TM
Actual Pins
35/36
Universal Jack
TM
Actual Pins
23/24
Universal Jack
TM
Actual Pins
21/22
Actual Pins
18/20
Actual
Pin
37
Fh
0, 10, 20, 30,
40dB Am p
Master
Volum e
Eh
Actual
Pin
47
Actual
Pin
48
0 to -46.5
0 to +22.5
Digital PC Beep
13h
Port A
Port D
Port C
Port B
Mono
Mix
12h
Analog PC Beep
Pin 12
SD0 Pin 5
Bit CLK Pin 6
SDI Pin 8
SYNC Pin 10
Reset # Pin 11
Mixer
Pin 13: Sense A
Pin 27: VREF In
Pin 28: VREF Out (switchable Mic Bias)
Pin 32: CAP 2
Pin 33: GPIO0
Pin 34: GPIO1
Pin 45: GPIO2
Pin 47: GPIO3
3
2
1
0
4
ADC In
Mux
Pin
DIG MIC
15h
DIG M IC
Actual Pins
?
14h
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com