Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5348 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM5348
Description  Two-Channel ATM SATURN User Network Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5348 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM5348 Datasheet HTML 1Page - PMC-Sierra, Inc PM5348 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
PM5348 S/UNI-155-DUAL
Two-Channel ATM SATURN User Network Interface
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is
available on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-950446 (R4)
© 1998 PMC-Sierra, Inc.
October, 1998
SATURN, SCI-PHY and S/UNI are
trademarks of PMC-Sierra, Inc.
TYPICAL APPLICATIONS
PM5348
S/UNI®-155-DUAL
Two-Channel ATM
SATURN® User
Network Interface
Independent
25 MHz, 8-Bit Buses
ATM Layer ASIC
or SAR ASIC
Shared
50 MHz, 8-Bit Buses
Shared
50 MHz, 16-Bit Buses
ATM Layer ASIC
or SAR ASIC
ATM Layer ASIC
ATM Layer ASIC
Split 8-bit bus mode for backward
compatibility with multiple single-PHY
applications.
Applications:
• Multi-SAR Servers
• Single-channel, 8-bit, 25 MHz ATM
Layer Devices
Shared 8-bit bus mode for 8-bit direct
mode multi-PHY applications.
Applications:
• Two-channel, 8-bit, 50 MHz ATM
Layer Devices
Shared 16-bit bus mode for 16-bit
direct mode multi-PHY applications.
Applications:
• Four-channel, 16-bit, 50 MHz ATM
Layer Devices
PM5348
S/UNI®-155-DUAL
Two-Channel ATM
SATURN® User
Network Interface
PM5348
S/UNI®-155-DUAL
Two-Channel ATM
SATURN® User
Network Interface
PM5348
S/UNI®-155-DUAL
Two-Channel ATM
SATURN® User
Network Interface



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com