Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS524 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS524
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS524 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS524 Datasheet HTML 1Page - Integrated Device Technology ICS524 Datasheet HTML 2Page - Integrated Device Technology ICS524 Datasheet HTML 3Page - Integrated Device Technology ICS524 Datasheet HTML 4Page - Integrated Device Technology ICS524 Datasheet HTML 5Page - Integrated Device Technology ICS524 Datasheet HTML 6Page - Integrated Device Technology ICS524 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS524
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
1
ICS524
REV A 101705
Description
The ICS524 is a low skew, single input to four output, clock
buffer. Part of ICS’ ClockBlocksTM family, this is our lowest
skew, small clock buffer.
See the ICS552-02 for a 1 to 8 low skew buffer. For more
than eight outputs, see the MK74CBxxx BuffaloTM series of
clock drivers.
ICS makes many non-PLL and PLL based low skew output
devices as well as Zero Delay Buffers to synchronize
clocks. Contact us for all of your clocking needs.
Features
• Extremely low skew outputs (50 ps maximum)
• Packaged in 8-pin SOIC
• Available in Pb (lead) free package
• Low power CMOS technology
• Operating voltages of 2.5 V to 5 V
• Output Enable pin tri-states outputs
• 5 V tolerant input clock
• Industrial temperature range
Block Diagram
Q0
ICLK
Q1
Q2
Q3


Similar Part No. - ICS524

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS524 RENESAS-ICS524 Datasheet
326Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
REV C 021909
More results

Similar Description - ICS524

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 052501
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 120805
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
Revision 080404
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
Low Skew 1 TO 4 Clock Buffer
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
Low Skew 1 to 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com