Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS95V857C Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS95V857C
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V857C Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS95V857C Datasheet HTML 5Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 6Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 7Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 8Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 9Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 10Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 11Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 12Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
ICS95V857C
1190A—12/16/05
Ordering Information
Example:
ICS95V857CHLF-T
- e - TYP
b
REF
b
REF
Alpha Designations
for Vertical Grid
(Letters I, O, Q & S
not used)
Alpha Designations
for Vertical Grid
(Letters I, O, Q & S
not used)
Numeric Designations
for Horizontal Grid
Numeric Designations
for Horizontal Grid
h
TYP
h
TYP
c
REF
c
REF
A
B
C
D
TOP VIEW
A1
3 2 1
4
Seating
Plane
Seating
Plane
C
T
0.12 C
d TYP
E
D
D1
D1
D1
D1
D1
- e -
- e -
- e -
E1
TYP
TYP
D
E
T
e
HORIZ
VERT
TOTAL
d
h
D1
E1
b
c
Min/Max
Min/Max
Min/Max
7.00 Bsc
4.50 Bsc
0.86/1.00
0.65 Bsc
6
10
60
0.35/0.45
0.15/0.21
5.85 Bsc
3.25 Bsc
0.575
0.625
**
* Source Ref.: JEDEC Publication 95,
10-0055
ALL DIMENSIONS IN MILLIMETERS
REF. DIMENSIONS
----- BALL GRID -----
Max.
Note: Ball grid total indicates maximum ball count for package. Lesser quantity may be used.
MO-205*, MO-225**
Designation for tape and reel packaging
Lead Free, RoHS Compliant (Optional)
Package Type
H = BGA
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y H (LF) - T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com