Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C165 Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C165
Description  ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C165 Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C165 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C165 Datasheet HTML 9Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Document # SRAM117 Rev OR
Revised October 2005
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 15/20/25 ns (Commercial)
– 20/25/35 (Industrial)
Low Power Operation
Chip Clear Function
Output Enable and Dual Chip Enable Control
Functions
Single 5V±10% Power Supply
Common Data I/O
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 28-Pin Plastic DIP (300 mil)
P4C165
ULTRA HIGH SPEED 8K x 8
RESETTABLE STATIC CMOS RAM
DESCRIPTION
The P4C165 is a 65,536-bit ultra high-speed static RAM
organized as 8K x 8. The RAM features a reset control to
enable clearing all words to zero within two cycle times.
The CMOS memory requires no clocks or refreshing and
has equal access and cycle times. Inputs are fully TTL-
compatible. The RAM operates from a single 5V±10%
tolerance power supply.
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
1519B
DIP (P5)
Access times as fast as 15 nanoseconds are available,
permitting greatly enhanced system operating speeds.
In full standby mode with CMOS inputs, power consump-
tion is only 5.5 mW for the P4C165.
The P4C165 is available in a 28-pin 300 mil DIP.


Similar Part No. - P4C165

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CC PYRAMID-P4C163-25CC Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CCLF PYRAMID-P4C163-25CCLF Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CM PYRAMID-P4C163-25CM Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CMB PYRAMID-P4C163-25CMB Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
More results

Similar Description - P4C165

ManufacturerPart #DatasheetDescription
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
8K * 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com