Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5351 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM5351
Description  SATURN USER NETWORK INTERFACE (155-TETRA)
PDF  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5351 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM5351 Datasheet HTML 17Page - PMC-Sierra, Inc PM5351 Datasheet HTML 18Page - PMC-Sierra, Inc PM5351 Datasheet HTML 19Page - PMC-Sierra, Inc PM5351 Datasheet HTML 20Page - PMC-Sierra, Inc PM5351 Datasheet HTML 21Page - PMC-Sierra, Inc PM5351 Datasheet HTML 22Page - PMC-Sierra, Inc PM5351 Datasheet HTML 23Page - PMC-Sierra, Inc PM5351 Datasheet HTML 24Page - PMC-Sierra, Inc PM5351 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 393 page
background image
S/UNI-TETRA
PMC-Sierra, Inc.
PM5351 S/UNI-TETRA
DATASHEET
PMC-1971240
ISSUE 7
SATURN USER NETWORK INTERFACE (155-TETRA)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
FEATURES
1.1
General
• Single chip QUAD ATM User-Network Interface operating at 155.52 Mbit/s.
• Implements the ATM Forum User Network Interface Specification and the
ATM physical layer for Broadband ISDN according to CCITT
Recommendation I.432.
• Implements the Point-to-Point Protocol (PPP) over SONET/SDH specification
according to RFC 1619/1662 of the PPP Working Group of the Internet
Engineering Task Force (IETF).
• Processes duplex 155.52 Mbit/s STS-3c (STM-1) data streams with on-chip
clock and data recovery and clock synthesis.
• Exceeds Bellcore GR-253-CORE jitter tolerance and intrinsic jitter criteria.
• Exceeds Bellcore GR-253-CORE (1995 Issue) jitter transfer and phase
variation criteria.
• Provides control circuitry required to exceed Bellcore GR-253-CORE WAN
clocking requirements related to wander transfer, holdover and long term
stability when using an external VCXO.
• Fully implements the ATM Forum’s Utopia Level 2 Specification with Multi-
PHY addressing and parity support.
• Implements the POS-PHY 16-bit System Interface for Packet over
SONET/SDH (POS) applications. This system interface is similar to Utopia
Level 2, but adapted to packet transfer. Both byte-level and packet-level
transfer modes are supported.
• Provides a standard 5 signal IEEE 1149.1 JTAG test port for boundary scan
board test purposes.
• Provides a generic 8-bit microprocessor bus interface for configuration,
control, and status monitoring.
• Low power 3.3V CMOS with PECL and TTL compatible inputs and
CMOS/TTL outputs, with 5V tolerance inputs (system side interface is 3.3V
only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com