Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C174 Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C174
Description  HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C174 Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C174 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
P4C174
Page 2 of 12
Document # SRAM118 REV C
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
–0.5 to +7
V
Respect to GND
Terminal Voltage with
–0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
(up to 7.0V)
T
A
Operating Temperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
–55 to +125
°C
Bias
T
STG
Storage Temperature
–65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
I
SB
Standby Power Supply
Current (TTL Input Levels)
CE
≥ V
IH
Com’l.
V
CC = Max .,
Mil.
f = Max., Outputs Open
___
25
5
___
CE
≥ V
HC
Com’l.
V
CC = Max.,
f = 0, Outputs Open
Mil.
V
IN ≤ VLC or VIN ≥ VHC
Standby Power Supply
Current
(CMOS Input Levels)
I
SB1
Grade(2)
Ambient
Temperature
GND
V
CC
0°C to +70°C
Symbol
C
IN
C
OUT
Parameter
Input Capacitance
Output Capacitance
Conditions
V
IN = 0V
V
OUT = 0V
5
7
Unit
pF
pF
CAPACITANCES(4)
V
CC = 5.0V, TA = 25°C, f = 1.0MHz
n/a = Not Applicable
Symbol
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
V
IH
V
IL
V
HC
V
LC
V
CD
V
OL
V
OH
I
LI
I
LO
Parameter
Input High Voltage
Input Low Voltage
CMOS Input High Voltage
CMOS Input Low Voltage
Input Clamp Diode Voltage
Output Low Voltage
(TTL Load)
Output High Voltage
(TTL Load)
Input Leakage Current
Output Leakage Current
V
CC = Min., IIN = 18 mA
I
OL = +8 mA, VCC = Min.
I
OH = –4 mA, VCC = Min.
V
CC = Max.
Com’l.
V
IN = GND to VCC
Mil.
V
CC = Max., CE = VIH,
Com’l.
V
OUT = GND to VCC
Mil.
Min
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–5
–5
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
–1.2
0.4
+5
+5
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAXIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20 ns.
4. This parameter is sampled and not 100% tested.
Typ.
0V
5.0V ± 10%
P4C174
Unit
V
V
V
V
V
V
V
µA
µA
mA
mA
Test Conditions
Commercial
-10
+10
-10
+10
___
___
40
25
0°C to +70°C
0V
5.0V ± 10%
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com