Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C187 Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C187
Description  ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C187 Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C187 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C187 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
P4C187/187L
Page 4 of 12
Document # SRAM111 REV B
Notes:
5. CE is LOW and WE is HIGH for READ cycle.
6. WE is HIGH, and address must be valid prior to or coincident with CE
transition LOW.
7. Transition is measured ±200mV from steady state voltage prior to
change with specified loading in Figure 1. This parameter is sampled
and not 100% tested.
8. Read Cycle Time is measured from the last valid address to the first
transitioning address.
TIMING WAVEFORM OF READ CYCLE NO. 2(6)
TIMING WAVEFORM OF READ CYCLE NO. 1(5)
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
MinMax MinMax MinMax MinMax MinMax MinMax MinMax MinMax MinMax MinMax
tRC
Read Cycle Time
10
12
15
20
25
35
45
55
70
85
tAA
Address Access Time
10
12
15
20
25
35
45
55
70
85
tAC
Chip Enable Access Time
10
12
15
20
25
35
45
65
70
85
tOH
Output Hold from Address Change
2222222
222
tLZ
Chip Enable to Output in Low Z
2222222
222
tHZ
Chip Disable to Output in High Z
5
6
8
10
12
17
20
25
30
35
tPU
Chip Enable to Power Up Time
0000000
000
tPD
Chip Disable to Power Down Time
10
12
15
20
25
35
45
55
70
85
Parameter
Symbol
-10
-12
-45
-55
-70
-85
-15
-20
-25
-35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com