Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT93C46D Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT93C46D
Description  3-wire Serial EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C46D Datasheet(HTML) 4 Page - ATMEL Corporation

  AT93C46D Datasheet HTML 1Page - ATMEL Corporation AT93C46D Datasheet HTML 2Page - ATMEL Corporation AT93C46D Datasheet HTML 3Page - ATMEL Corporation AT93C46D Datasheet HTML 4Page - ATMEL Corporation AT93C46D Datasheet HTML 5Page - ATMEL Corporation AT93C46D Datasheet HTML 6Page - ATMEL Corporation AT93C46D Datasheet HTML 7Page - ATMEL Corporation AT93C46D Datasheet HTML 8Page - ATMEL Corporation AT93C46D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AT93C46D [DATASHEET]
Atmel-5193H-SEEPROM-AT93C46D-Datasheet_012015
4
4.
Memory Organization
4.1
Pin Capacitance
Table 4-1.
Pin Capacitance(1)
Note:
1.
This parameter is characterized, and is not 100% tested.
4.2
DC Characteristics
Table 4-2.
DC Characteristics
Note:
1.
VIL min and VIH max are reference only, and are not tested.
Applicable over recommended operating range from TA = 25C, f = 1.0MHz, VCC = 1.8V (unless otherwise noted).
Symbol
Test Conditions
Max
Units
Conditions
COUT
Output Capacitance (DO)
5
pF
VOUT = 0V
CIN
Input Capacitance (CS, SK, DI)
5
pF
VIN = 0V
Applicable over recommended operating range from TAI = -40°C to +85°C, VCC = 1.8V to 5.5V (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VCC1
Supply Voltage
1.8
5.5
V
VCC2
Supply Voltage
2.7
5.5
V
VCC3
Supply Voltage
4.5
5.5
V
ICC
Supply Current
VCC = 5.0V
Read at 1.0MHz
0.5
2.0
mA
Write at 1.0MHz
0.5
2.0
mA
ISB1
Standby Current
VCC = 1.8V
CS = 0V
0.4
1.0
μA
ISB2
Standby Current
VCC = 2.7V
CS = 0V
6.0
10.0
μA
ISB3
Standby Current
VCC = 5.0V
CS = 0V
10.0
15.0
μA
IIL
Input Leakage
VIN = 0V to VCC
0.1
1.0
μA
IOL
Output Leakage
VIN = 0V to VCC
0.1
1.0
μA
VIL1(1)
Input Low Voltage
2.7V
V
CC  5.5V
0.6
0.8
V
VIH1(1)
Input High Voltage
2.7V
V
CC  5.5V
2.0
VCC + 1
V
VIL2(1)
Input Low Voltage
1.8V
 V
CC  2.7V
0.6
VCC x 0.3
V
VIH2(1)
Input High Voltage
1.8V
 V
CC  2.7V
VCC x 0.7
VCC + 1
V
VOL1
Output Low Voltage
2.7V
 V
CC  5.5V
IOL = 2.1mA
0.4
V
VOH1
Output High Voltage
2.7V
 V
CC  5.5V
IOH = 0.4mA
2.4
V
VOL2
Output Low Voltage
1.8V
 V
CC  2.7V
IOL = 0.15mA
0.2
V
VOH2
Output High Voltage
1.8V
 V
CC  2.7V
IOH = 100μA
VCC  0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com