Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C422 Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C422
Description  HIGH SPEED 256 x 4 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C422 Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C422 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C422 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C422 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C422 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C422 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C422 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C422 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C422 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C422 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
P4C422
Page 4 of 10
Document # SRAM101 REV. A
Max
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10% except as noted, All Temperature Ranges)
(2)
TIMING WAVEFORM OF WRITE CYCLE
Parameter
Write Cycle Time (5)
Write Enable to High-Z (6)
Write Recovery Time
Write Pulse Width (5,7)
Data Setup Time Prior to Write (5)
Data Hold Time (5)
Address Setup Time (5,7)
Address Hold Time (5)
Chip Select Setup Time (5)
Chip Select Hold Time (5)
Sym.
t
WC
t
ZWS
t
WR
t
W
t
WSD
t
WHD
t
WSA
t
WHA
t
WSCS
t
WHCS
-10*
-12
-15
-20
-25
-35
Unit
Min Max Min Max Min Max Min
Min Max Min Max
10
8
0
2
8
8
12
9
0
10
10
15
11
0
2
12
12
20
13
2
15
15
25
15
5
20
20
35
20
5
30
25
ns
ns
ns
ns
ns
*V
CC = 5V ± 5%
22
5
55
ns
00
0
2
5
5
ns
22
4
5
5
5
ns
0
00
2
5
5
ns
22
5
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com