Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1024L70CWC Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C1024L70CWC
Description  LOW POWER 128K x 8 CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024L70CWC Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C1024L70CWC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024L70CWC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024L70CWC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024L70CWC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024L70CWC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024L70CWC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024L70CWC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1024L70CWC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1024L70CWC Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
P4C1024L
Page 6 of 10
Document # SRAM125 REV C
D
IN
Write
Active
Read
TIMING WAVEFORM OF WRITE CYCLE NO.2 (CE
CE
CE
CE
CE CONTROLLED)(6)
* including scope and test fixture.
Note:
Because of the high speed of the P4C1024L, care must be taken
when testing this device; an inadequate setup can cause a normal
functioning part to be rejected as faulty. Long high-inductance
leads that cause supply bounce must be avoided by bringing the V
CC
and ground planes directly up to the contactor fingers. A 0.01 µF
high frequency capacitor is also required between V
CC and ground.
To avoid signal reflections, proper termination must be used; for
example, a 50
Ω test environment should be terminated into a 50Ω
load with 1.77V (Thevenin Voltage) at the comparator input, and a
589
Ω resistor must be used in series with D
OUT to match 639Ω
(Thevenin Resistance).
AC TEST CONDITIONS
TRUTH TABLE
Input Pulse Levels
Input Rise and Fall Times
Input Timing Reference Level
Output Timing Reference Level
Output Load
GND to 3.0V
3ns
1.5V
1.5V
See Fig. 1 and 2
Mode
Standby
Standby
D
OUT Disabled
Standby
Power
I/O
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
CE
2
CE
CE
CE
CE
CE
1
High Z
High Z
D
OUT
X
X
H
H
L
X
X
H
L
X
X
L
H
H
H
H
X
L
L
L
Standby
Active
Active
High Z
Figure 1. Output Load
Figure 2. Thevenin Equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com