Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1048L-45CWC Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C1048L-45CWC
Description  LOW POWER 512K x 8 CMOS STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1048L-45CWC Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C1048L-45CWC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1048L-45CWC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1048L-45CWC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1048L-45CWC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1048L-45CWC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1048L-45CWC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1048L-45CWC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1048L-45CWC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1048L-45CWC Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
P4C1048L
Page 6 of 12
Document # SRAM129 REV D
-70
Notes:
6.
CE and WE are LOW for WRITE cycle.
7.
OE is LOW for this WRITE cycle to show t
WZ and tOW.
8. If
CE goes HIGH simultaneously with WE HIGH, the output remains in a high impedance state.
9. Write Cycle Time is measured from the last valid address to the first transitioning address.
AC CHARACTERISTICS - WRITE CYCLE
(Over Recommended Operating Temperature & Supply Voltage)
WRITE CYCLE NO. 1 (
WE
WE
WE
WE
WE CONTROLLED)(6,7)
Symbol
Parameter
Max
-100
Max
Unit
Min
Min
t
WC
t
CW
t
AS
t
WP
t
AH
t
DH
t
WZ
t
OW
Write Cycle Time
70
100
ns
Chip Enable Time
to End of Write
60
75
ns
Address Valid to
End of Write
60
75
ns
Address Set-up
Time
00
ns
Write Pulse Width
50
60
ns
Address Hold
Time
00
ns
Data Valid to End
of Write
35
45
ns
Data Hold Time
0
0
ns
Write Enable to
Output in High Z
25
35
ns
Output Active from
End of Write
55
ns
t
AW
t
DW
-55
Max
Min
55
40
40
0
40
0
30
0
20
5
-45
Max
Min
45
35
35
0
35
0
25
0
18
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com