Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1256L Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C1256L
Description  LOW POWER 32K x 8 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1256L Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C1256L Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1256L Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
P4C1256L
Page 2 of 11
Document # SRAM121 REV E
RECOMMENDED OPERATING TEMPERATURE & SUPPLY VOLTAGE
MAXIMUM RATINGS(1)
Stresses greater than those listed can cause permanent damage to the device. These are absolute stress ratings
only. Functional operation of the device is not implied at these or any other conditions in excess of those given in
the operational sections of this data sheet. Exposure to Maximum Ratings for extended periods can adversely
affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(Over Recommended Operating Temperature & Supply Voltage)(2)
Temperature Range (Ambient)
Supply Voltage
4.5V
≤ V
CC ≤ 5.5V
Industrial (-40°C to 85°C)
4.5
≤ V
CC ≤ 5.5V
Commercial (0°C to 70°C)
Symbol
Parameter
Min
Max
Unit
V
CC
Supply Voltage with Respect to GND
-0.5
7.0
V
V
TERM
Terminal Voltage with Respect to GND (up to 7.0V)
-0.5
V
CC + 0.5
V
T
A
Operating Ambient Temperature
-55
125
°C
S
TG
-65
150
°C
I
OUT
Output Current into Low Outputs
25
mA
I
LAT
Latch-up Current
>200
mA
Storage Temperature
Symbol
Parameter
V
OH
V
OL
V
IH
V
IL
I
LI
I
LO
I
SB
I
SB1
Output High Voltage
(I/O
0 - I/O7)
Output Low Voltage
(I/O
0 - I/O7)
Input High Voltage
Input Low Voltage
V
CC Current
CMOS Standby Current
(CMOS Input Levels)
V
CC Current
TTL Standby Current
(TTL Input Levels)
Output Leakage Current
Input Leakage Current
I
OH = –1mA, VCC = 4.5V
I
OL = 2.1mA
V
CC = 5.5V, IOUT = 0 mA
CE
≥ V
CC -0.2V
V
CC = 5.5V, IOUT = 0 mA
CE = V
IH
GND
≤ V
OUT ≤ VCC
Ind'l.
CE
≥ V
IH
Com'l.
Test Conditions
Min
Max
Unit
2.4
2.2
-0.5(3)
-5
-2
-5
-2
V
V
V
V
µA
mA
µA
0.4
V
CC + 0.3
0.8
+5
+2
3
100
+5
+2
µA
GND
≤ V
IN ≤ VCC
Ind'l.
Com'l.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com