Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1048L-55CWC Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C1048L-55CWC
Description  LOW POWER 512K x 8 CMOS STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1048L-55CWC Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C1048L-55CWC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1048L-55CWC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1048L-55CWC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1048L-55CWC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1048L-55CWC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1048L-55CWC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1048L-55CWC Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1048L-55CWC Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C1048L-55CWC Datasheet HTML 12Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
P4C1048L
Page 8 of 12
Document # SRAM129 REV D
DATA RETENTION
1.
CE
1 ≥ VDR -0.2V, CE2 ≥ VDR -0.2V or CE2 ≤ 0.2V; or CE1 ≤ 0.2V, CE2 - 0.2V; VIN ≥ VDR -0.2V or VIN ≤ 0.2V
LOW V
CC DATA RETENTION WAVEFORM
Symbol
Parameter
Test Conditions
Unit
V
DR
I
CCDR
V
CC for Data Retention
Data Retention Current
CE
≥ V
CC -0.2V,
V
IN ≥ VCC -0.2V or VIN ≤ 0.2V
V
V
DR = 2.0V
V
DR = 3.0V
µA
µA
t
R
Operating Recovery Time
Chip Deselect to Data
Retention Time
See Retention Waveform
ns
ns
t
CDR
Max
Min
2.0
5.5
20
200
t
RC
0
30
300
Comm/Ind
Military
Comm/Ind
Military



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com