Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1048L-100CWC Datasheet(PDF) 11 Page - Pyramid Semiconductor Corporation

Part # P4C1048L-100CWC
Description  LOW POWER 512K x 8 CMOS STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1048L-100CWC Datasheet(HTML) 11 Page - Pyramid Semiconductor Corporation

Back Button P4C1048L-100CWC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1048L-100CWC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1048L-100CWC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1048L-100CWC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1048L-100CWC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1048L-100CWC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1048L-100CWC Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1048L-100CWC Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C1048L-100CWC Datasheet HTML 12Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
P4C1048L
Page 11 of 12
Document # SRAM129 REV D
Pkg #
# Pins
Symbol
Min
Max
A
0.160
0.200
A1
0.015
-
b
0.014
0.023
b2
0.045
0.070
C
0.006
0.014
D
1.600
1.700
E1
0.526
0.548
E
0.590
0.610
e
eB
L
0.120
0.150
15°
P600
32 (600 mil)
0.100 BSC
0.600 BSC
α
PLASTIC DUAL IN-LINE PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A
0.037
0.041
A2
-0.047
b
0.012
0.020
D
0.395
0.405
E
0.820
0.831
e
HD
0.455
0.471
T4
32
0.050 BSC
TSOP II PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com