Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2127 Datasheet(PDF) 2 Page - Seme LAB

Part # 2SA2127
Description  PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2SA2127 Datasheet(HTML) 2 Page - Seme LAB

  2SA2127 Datasheet HTML 1Page - Seme LAB 2SA2127 Datasheet HTML 2Page - Seme LAB 2SA2127 Datasheet HTML 3Page - Seme LAB 2SA2127 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2127
No.8022-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--1A, IB=--50mA
--0.2
--0.4
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--1A, IB=--50mA
--0.9
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--10µA, IE=0
--50
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--10µA, IC=0
--6
V
Turn-On Time
ton
See specified test circuit.
35
ns
Storage Time
tstg
See specified test circuit.
250
ns
Fall Time
tf
See specified test circuit.
24
ns
Package Dimensions
Switching Time Test Circuit
unit : mm
2006C
1 : Emitter
2 : Collector
3 : Base
SANYO : MP
12 3
0.5
0.5
0.5
0.6
1.45
1.45
6.0
4.7
5.0
VR
RB
VCC= --25V
VBE=5V
+
+
50
Ω
INPUT
OUTPUT
RL
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IC
IB2
IC=10IB1= --10IB2= --0.5A
IC -- VCE
IC -- VBE
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
--2.0
--1.8
--1.6
--1.2
--1.4
--0.8
--1.0
--0.4
--0.6
--0.2
0
--0.4
0
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
IT07578
--6mA
--10mA
--20mA
--30mA
IB=0
--4mA
--2mA
VCE= --2V
--2.0
--1.0
--1.6
--1.4
--1.2
--0.6
--0.8
--0.4
--0.2
--1.8
0
0
--0.2
--0.4
--0.6
--0.8
--1.1
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
IT07579
--50mA
--40mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com