Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1023L-70CWC Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C1023L-70CWC
Description  LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1023L-70CWC Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button P4C1023L-70CWC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1023L-70CWC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1023L-70CWC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1023L-70CWC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1023L-70CWC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1023L-70CWC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1023L-70CWC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1023L-70CWC Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1023L-70CWC Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
P4C1023/P4C1023L
Page 9 of 11
Document # SRAM126 REV OR
Pkg #
# Pins
Symbol
Min
Max
A-
0.225
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D-
1.680
E
0.510
0.620
eA
e
L
0.125
0.200
Q
0.015
0.070
S1
0.005
-
S2
0.005
-
0.600 BSC
0.100 BSC
C10
32 (600 mil)
SIDEBRAZED DUAL IN-LINE PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A-
0.232
b
0.014
0.023
b2
0.038
0.065
C
0.008
0.018
D-
1.700
E
0.350
0.410
eA
e
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
S2
0.005
-
C11
32 (400 mil)
0.400 BSC
0.100 BSC
SIDEBRAZED DUAL IN-LINE PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com