Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0402ML080C Datasheet(PDF) 2 Page - HITANO ENTERPRISE CORP.

Part # 0402ML080C
Description  Multilayer Chip Varistor. C series wide range application
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITANO [HITANO ENTERPRISE CORP.]
Direct Link  https://www.hitano.com.tw/
Logo HITANO - HITANO ENTERPRISE CORP.

0402ML080C Datasheet(HTML) 2 Page - HITANO ENTERPRISE CORP.

  0402ML080C Datasheet HTML 1Page - HITANO ENTERPRISE CORP. 0402ML080C Datasheet HTML 2Page - HITANO ENTERPRISE CORP. 0402ML080C Datasheet HTML 3Page - HITANO ENTERPRISE CORP. 0402ML080C Datasheet HTML 4Page - HITANO ENTERPRISE CORP. 0402ML080C Datasheet HTML 5Page - HITANO ENTERPRISE CORP. 0402ML080C Datasheet HTML 6Page - HITANO ENTERPRISE CORP. 0402ML080C Datasheet HTML 7Page - HITANO ENTERPRISE CORP. 0402ML080C Datasheet HTML 8Page - HITANO ENTERPRISE CORP. 0402ML080C Datasheet HTML 9Page - HITANO ENTERPRISE CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Multilayer Chip Varistors
Transient voltage surge suppressors
 C Series Wide range Application
Hitano
Part no.
Working Voltage
(MAX)
Breakdown
Voltage
Peak
Current
Clamping Voltage
(MAX)
Condition
Unit
AC
(VRMS)
DC
(V)
1mA
(V)
8/20µs
(A)
(A)
(V)
0402ML050C
2.5
3.3
5(4.0~6.0)
20
1
12
0402ML080C
4
5.5
8(6.6~9.9)
20
1
18
0402ML120C
7
9
12(10.2~13.8)
20
1
20
0402ML150C
8
11
15(12.75~17.25)
20
1
25
0402ML180C
11
14
18(15.3~20.7)
20
1
30
0402ML220C
12
16.5
22(19.8~24.2)
20
1
36
0402ML240C
14
18
24(21.6~26.4)
20
1
40
0402ML270C
17
22
27(24.3~29.7)
20
1
45
0402ML330C
20
26
33(29.7~36.3)
20
1
54
0402ML390C
25
30
39(35.1~42.9)
20
1
65
Hitano
Part no.
Working Voltage
(MAX)
Breakdown
Voltage
Peak
Current
Clamping Voltage
(MAX)
Condition
Unit
AC
(VRMS)
DC
(V)
1mA
(V)
8/20µs
(A)
(A)
(V)
0603ML030C
1.4
2
3(2.4~3.6)
20
1
9
0603ML050C
2.4
3.3
5(4.0~6.0)
20
1
12
0603ML080C
4
5.5
8(6.6~9.9)
30
1
18
0603ML120C
7
9
12(10.2~13.8)
30
1
23
0603ML150C
8
11
15(12.75~17.25)
30
1
25
0603ML180C
11
14
18(15.3~20.7)
30
1
30
0603ML220C
12
16
22(19.8~24.2)
30
1
36
0603ML240C
14
18
24(21.6~26.4)
30
1
39
0603ML270C
17
22
27(24.3~29.7)
30
1
44
0603ML300C
18
24
30(27.0~33.0)
30
1
48
0603ML330C
20
26
33(29.7~36.3)
30
1
54
0603ML390C
22
28
36(32.7~39.6)
30
1
59
0603ML390C
25
30
39(35.1~42.9)
30
1
65
0603ML420C
26
33
42(38.1~46.2)
30
1
72
0603ML470C
30
38
47(42.3~51.7)
30
1
77
TO BE CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com